Part Number Hot Search : 
HT48R06 BC203 47C101P TDA89 DMG16 MS1202 74A50 RB202
Product Description
Full Text Search
 

To Download HD74LVC16541 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  HD74LVC16541 16-bit buffers / line drivers with 3-state outputs ade-205-058b(z) rev.2 september 1995 description the HD74LVC16541 has sixteen buffers with three state outputs in a 48 pin package. when g 1 and g 2 is low level, this drivers set up output is enable. low voltage and high speed operation is suitable at the battery drive product (note type personal computer) and low power consumption extends the life of a battery for long time operation. features ? v cc = 2.0 v to 5.5 v ? all inputs v ih (max.) = 5.5 v (@v cc = 0 v to 5.5 v) ? typical v ol ground bounce < 0.8 v (@v cc = 3.3 v, ta = 25c) ? typical v oh undershoot > 2.0 v (@v cc = 3.3 v, ta = 25c) ? high output current 24 ma (@v cc = 3.0 v to 5.5 v) function table inputs g g g g 1 g g g g 2 a output y llll llhh hxxz xhxz h : high level l : low level x : immaterial z : high impedance
HD74LVC16541 rev.2, sep. 1995, page 2 of 8 pin arrangement (top view) 1 2 3 4 5 6 7 8 9 10 v cc 1g1 1y1 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 1y2 gnd 1y3 1y4 1y5 1y6 gnd 1y7 1y8 2y1 2y2 gnd 2y3 2y4 2y5 2y6 gnd 2y7 2y8 v cc 2g2 2a8 2a7 gnd 2a6 2a5 2a4 2a3 gnd 2a2 2a1 1a8 1a7 gnd 1a6 1a5 1a4 1a3 1a2 gnd 1a1 v cc v cc 2g1 1g2
HD74LVC16541 rev.2, sep. 1995, page 3 of 8 absolute maximum ratings item symbol ratings unit conditions supply voltage v cc ?0.5 to 6.0 v input diode current i ik ?50 ma v i = ?0.5 v input voltage v i ?0.5 to 6.0 v output diode current i ok ?50 ma v o = ?0.5 v 50 ma v o = v cc +0.5 v output voltage v o ?0.5 to v cc +0.5 v output current i o 50 ma v cc , gnd current / pin i cc or i gnd 100 ma storage temperature tstg ?65 to +150 c note: the absolute maximum ratings are values which must not individually be exceeded, and furthermore, no two of which may be realized at the same time. recommended operating conditions item symbol ratings unit conditions supply voltage v cc 1.5 to 5.5 v data retention 2.0 to 5.5 v at operation input / output voltage v i 0 to 5.5 v g , a v o 0 to v cc vy operating temperature ta ?40 to 85 c output current i oh ?12 ma v cc = 2.7 v ?24 *2 ma v cc = 3.0 v to 5.5 v i ol 12 ma v cc = 2.7 v 24 *2 ma v cc = 3.0 v to 5.5 v input rise / fall time *1 t r , t f 10 ns/v notes: 1. this item guarantees maximum limit when one input switches. waveform : refer to test circuit of switching characteristics. 2. duty cycle 50%
HD74LVC16541 rev.2, sep. 1995, page 4 of 8 electrical characteristics ta = ?40 to 85c item symbol v cc (v) min max unit test conditions input voltage v ih 2.7 to 3.6 2.0 ? v 4.5 to 5.5 v cc 0.7 ? v v il 2.7 to 3.6 ? 0.8 v 4.5 to 5.5 ? v cc 0.3 v output voltage v oh 2.7 to 5.5 v cc ?0.2 ? v i oh = ?100 a 2.7 2.2 ? v i oh = ?12 ma 3.0 2.4 ? v 3.0 2.0 ? v i oh = ?24 ma 4.5 3.8 ? v v ol 2.7 to 5.5 ? 0.2 v i ol = 100 a 2.7 ? 0.4 v i ol = 12 ma 3.0 ? 0.55 v i ol = 24 ma 4.5 ? 0.55 v input current i in 0 to 5.5 ? 5.0 av in = 5.5 v or gnd off state output current i oz 5.5 ? 10 av in = v cc , gnd v out = v cc or gnd quiescent supply current i cc 5.5 ? 40 av in = v cc or gnd ? i cc 3.0 to 3.6 ? 500 av in = one input at(v cc ?0.6)v, other inputs at v cc or gnd
HD74LVC16541 rev.2, sep. 1995, page 5 of 8 switching characteristics ta = ?40 to 85c item symbol v cc (v) min typ max unit from (input) to (output) propagation delay time t plh 2.7 ? 4.5 7.5 ns a y t phl 3.30.3 1.5 3.5 6.5 ns 5.00.5 ? 2.5 5.0 ns output enable time t zh 2.7 ? 5.5 9.0 ns g y t zl 3.30.3 1.5 4.0 8.0 ns 5.00.5 ? 3.0 6.5 ns output disable time t hz 2.7 ? 4.0 8.5 ns g y t lz 3.30.3 1.5 3.5 7.5 ns 5.00.5 ? 2.5 6.0 ns input capacitance c in 2.7 ? 3.0 ? pf output capacitance c o 2.7 ? 15.0 ? pf test circuit v cc v cc see function table input pulse generator z = 50 out ? 500 c = 50 pf l 450 open gnd 50 scope ? ? ? g1 a1 y1 output s1 g2 *1 see under table symbol s1 t / t plh phl open gnd 6 v t / t zh hz t / t zl lz open gnd 2 vcc vcc=2.7v, 3.30.3v vcc=5.00.5v notes: 1. c l includes probe and jig capacitance. 2. a2-y2 to a8-y8 are identical to above load circuit.
HD74LVC16541 rev.2, sep. 1995, page 6 of 8 waveforms ? 1 t plh t phl v oh v ol input a 10 % gnd 90 % t r t f 90 % 10 % output y v ih v ref v ref v ref v ref notes: 1. t r = 2.5 ns, t f = 2.5 ns 2. nput waveform : prr = 10 mhz, duty cycle 50% waveforms ? 2 v ? 0.3 v oh v + 0.3 v ol t zl t lz t zh t hz t f t r 90 % 10 % 90 % 10 % v oh v ol gnd input g waveform - a waveform - b v ih v ol1 v oh1 v ref v ref v ref v ref test v ih v ref v oh1 v ol1 1.5 v 3 v gnd 50%vcc 2.7 v vcc vcc gnd vcc=2.7v, 3.30.3v vcc=5.00.5v notes: 1. t r = 2.5 ns, t f = 2.5 ns 2. input waveform : prr = 10 mhz, duty cycle 50% 3. waveform ? a shows input conditions such that the output is "l" level when enable by the output control. 4. waveform ? b shows input conditions such that the output is "h" level when enable by the output control.
HD74LVC16541 rev.2, sep. 1995, page 7 of 8 package dimensions hitachi code jedec eiaj mass (reference value) ttp-48db ? ? 0.20 g unit: mm *dimension including the plating thickness base material dimension 0.08 m 0.10 *0.17 0.05 8.10 0.20 0.50 0.1 0.65 max 124 25 48 12.5 6.10 0? ? 8? 0.50 1.20 max 0.13 0.05 12.7 max 0.15 0.04 1.0 *0.21 +0.04 ?0.05 0.19 +0.03 ?0.05
HD74LVC16541 rev.2, sep. 1995, page 8 of 8 disclaimer 1. hitachi neither warrants nor grants licenses of any rights of hitachi?s or any third party?s patent, copyright, trademark, or other intellectual property rights for information contained in this document. hitachi bears no responsibility for problems that may arise with third party?s rights, including intellectual property rights, in connection with use of the information contained in this document. 2. products and product specifications may be subject to change without notice. confirm that you have received the latest product standards or specifications before final design, purchase or use. 3. hitachi makes every attempt to ensure that its products are of high quality and reliability. however, contact hitachi?s sales office before using the product in an application that demands especially high quality and reliability or where its failure or malfunction may directly threaten human life or cause risk of bodily injury, such as aerospace, aeronautics, nuclear power, combustion control, transportation, traffic, safety equipment or medical equipment for life support. 4. design your application so that the product is used within the ranges guaranteed by hitachi particularly for maximum rating, operating supply voltage range, heat radiation characteristics, installation conditions and other characteristics. hitachi bears no responsibility for failure or damage when used beyond the guaranteed ranges. even within the guaranteed ranges, consider normally foreseeable failure rates or failure modes in semiconductor devices and employ systemic measures such as fail- safes, so that the equipment incorporating hitachi product does not cause bodily injury, fire or other consequential damage due to operation of the hitachi product. 5. this product is not designed to be radiation resistant. 6. no one is permitted to reproduce or duplicate, in any form, the whole or part of this document without written approval from hitachi. 7. contact hitachi?s sales office for any questions regarding this document or hitachi semiconductor products. sales offices hitachi, ltd. semiconductor & integrated circuits. nippon bldg., 2-6-2, ohte-machi, chiyoda-ku, tokyo 100-0004, japan tel: tokyo (03) 3270-2111 fax: (03) 3270-5109 copyright ? hitachi, ltd., 2000. all rights reserved. printed in japan. hitachi asia ltd. hitachi tower 16 collyer quay #20-00, singapore 049318 tel : <65>-538-6533/538-8577 fax : <65>-538-6933/538-3877 url : http://www.hitachi.com.sg url northamerica : http://semiconductor.hitachi.com/ europe : http://www.hitachi-eu.com/hel/ecg asia : http://sicapac.hitachi-asia.com japan : http://www.hitachi.co.jp/sicd/indx.htm hitachi asia ltd. (taipei branch office) 4/f, no. 167, tun hwa north road, hung-kuo building, taipei (105), taiwan tel : <886>-(2)-2718-3666 fax : <886>-(2)-2718-8180 telex : 23222 has-tp url : http://www.hitachi.com.tw hitachi asia (hong kong) ltd. group iii (electronic components) 7/f., north tower, world finance centre, harbour city, canton road tsim sha tsui, kowloon, hong kong tel : <852>-(2)-735-9218 fax : <852>-(2)-730-0281 url : http://www.hitachi.com.hk hitachi europe ltd. electronic components group. whitebrook park lower cookham road maidenhead berkshire sl6 8ya, united kingdom tel: <44> (1628) 585000 fax: <44> (1628) 585160 hitachi europe gmbh electronic components group dornacher stra ? e 3 d-85622 feldkirchen, munich germany tel: <49> (89) 9 9180-0 fax: <49> (89) 9 29 30 00 hitachi semiconductor (america) inc. 179 east tasman drive, san jose,ca 95134 tel: <1> (408) 433-1990 fax: <1>(408) 433-0223 for further information write to: colophon 2.0


▲Up To Search▲   

 
Price & Availability of HD74LVC16541

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X